Part Number Hot Search : 
10180 AE9964 KV2151 UD4015 PD7801 PK25F120 TA0506A PK25F120
Product Description
Full Text Search
 

To Download FC1206-1001-KB452 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMPERATURE SENSITIVE CHIP RESISTORS
RESISTORS CAPACITORS COILS DELAY LINES
FLP SERIES
RoHS
Term.W is RoHS compliant & 260C compatible
L T t W
Excellent stability and PTC linearity Economically priced Fast response time Operating temp. -65C to + 150C Standard tolerance: 1%, 2%, 5% Refer to MLP Series for additional SM PTC resistor selection from (1.5 to 100K, +150 to +4500ppm)
DERATING
Available TCR* +3000 ppm/C +3300 ppm/C +3600 ppm/C +4000 ppm/C +4500 ppm/C +5000 ppm/C
5% 5% 5% 5% 5% 5%
% OF RATED POWER
TCR Tolerance
125 100 75 50 25 0 25 50 75 100 125 150 175
*Standard T.C.R's shown; additional T.C.R's available upon request.
AMBIENT TEMPERATURE (C)
SPECIFICATIONS
RCD Type F LP 0805 F LP 1206 Wattage Rating @70C .125W .25W Resistance R an g e * 50 to 2K 50 to 10K Thermal Dissipation 8.2mW/C 9mW/C R esp o n se Time 4 S e c. 6.5 Sec. L .008 [.2] .079 [2.0] .126 [3.2] W .006 [.2] T .006 [.15] t .008 [.2] .050 [1.25] .061 [1.55] .018 [.4] .024 [.6] .016 [.4] .020 [.5]
*Consult factory for resistance values outside the standard range. Entire resistance range isn't avaiable in each TC, consult factory for availability.
RESISTANCE/TEMPERATURE CURVE
1.7 1.6 1.5 1.4
RESISTANCE RATIO
1.3 1.2 1.1 1.0 0.9 0.8 0.7 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 5000ppm 4500ppm 4000ppm 3600ppm 3300ppm 3000ppm
90 100 110 120 130 140 150
AMBIENT TEMPERATURE (C)
THERMAL RESPONSE TIME
100
FLP0805
P/N DESIGNATION:
RESISTANCE RATIO
FLP1206
75 50 25 0
FLP1206 - 102 - J RCD Type Resis. Code 1%: 3 signif. figures & multiplier (10R0=10,1000=100,1001=1K, 1002=10K, etc.) Resis. Code 2%-10%: 2 signif. digits & multiplier (100=10, 101=100, 102=1K, 103=10K, etc.) Tolerance:G= 2%, J= 5%, K=10% Packaging: B = Bulk, T = Tape & Reel Temperature Coefficient in 3-Digit Code: 302=3000ppm, 452=4500ppm, 502=5000ppm Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
T
332 W
5
10
15 20 SECONDS
25
30
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA088 Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
30


▲Up To Search▲   

 
Price & Availability of FC1206-1001-KB452

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X